PART |
Description |
Maker |
0402ESDA-MLP7 0402ESDA-MLP8 |
MLP Series ESD Suppressor The PolySurg 0402ESDA-MLP ESD Suppressors protect valuable high-speed data circuits from ESD damage without distorting data signals as a result of its ultra-low (0.05pF typical) capacitance.
|
Cooper Bussmann, Inc.
|
C167CS-4R SAB-C167CS-4R33M SAB-C167CS-4RM |
BOARD INTERFACE KGZ/GMS 0-100% MN Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 15 A at 480 Vac, Pin Plunger Actuator, 3,34 N - 5,56 N [12 oz - 20 oz] Operating Force, Gold Contacts, Quick Connect Termination Silver Contacts, Screw Termination CSA, UL MN Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 15 A at 480 Vac, Pin Plunger Actuator, 1,95 N - 3,1 N [7 oz - 11 oz] Operating Force, Quick Connect Termination, Fine Silver Contacts, Screw Termination, CSA, UL
|
Infineon Technologies AG
|
PESD3V3S2UAT PESD12VS2UAT PESD24VS2UAT PESDXS2UAT |
Double ESD protection diodes in SOT23 package
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PESDXS2UAT |
Double ESD protection diodes in SOT23 package
|
Philips
|
PESDXS2UQ10 |
Double ESD protection diodes in SOT663 package
|
NXP Semiconductors
|
MMBZ20VCL MMBZ20VCL_DG MMBZ27VCL MMBZ27VCL_DG MMBZ |
Double ESD protection diodes for transient overvoltage suppression
|
NXP Semiconductors
|
MMBZ12VAL |
Low capacitance unidirectional double ESD protection diodes 低电容双路单向ESD保护二极
|
NXP Semiconductors N.V.
|
PESD5V0S2BT |
LOW CAPACITANCE BI-DIRECTIONAL DOUBLE ESD PROTECTION DIODE IN SOT23 PACKAGE
|
NXP Semiconductors Philips Semiconductors
|
BAS70-04W BAS70-05W BAS70WSERIES BAS70W BAS70-06W |
Schottky barrier double diodes Schottky Barrier (Double) Diodes(肖特基势垒(双)二极 CSCA-A Series Hall-effect based, open-loop current sensor, Molex-type connector, 300 A rms nominal, ±900 A range
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
CG0603MLD-12E CG0402MLD-12G |
Chip Guard? MLD Series Varistor ESD Clamp Protectors Chip Guard㈢ MLD Series Varistor ESD Clamp Protectors
|
BOURNS[Bourns Electronic Solutions]
|
CPDF12V0U-HF |
Halogen Free ESD Diodes, V-C=24V, V-ESD=30kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDF5V0C-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|